数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AT27C512R-70JU 数据表 (PDF) - ATMEL Corporation

AT27C512R-70JU Datasheet PDF - ATMEL Corporation
部件名 AT27C512R-70JU
下载  AT27C512R-70JU 下载

文件大小   801.16 Kbytes
  13 Pages
制造商  ATMEL [ATMEL Corporation]
网页  http://www.atmel.com
标志 ATMEL - ATMEL Corporation
功能描述 512K (64K x 8) One-time Programmable, Read-only Memory

AT27C512R-70JU Datasheet (PDF)

Go To PDF Page 下载 数据表
AT27C512R-70JU Datasheet PDF - ATMEL Corporation

部件名 AT27C512R-70JU
下载  AT27C512R-70JU Click to download

文件大小   801.16 Kbytes
  13 Pages
制造商  ATMEL [ATMEL Corporation]
网页  http://www.atmel.com
标志 ATMEL - ATMEL Corporation
功能描述 512K (64K x 8) One-time Programmable, Read-only Memory

AT27C512R-70JU 数据表 (HTML) - ATMEL Corporation

Back Button AT27C512R-70JU Datasheet HTML 1Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 2Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 3Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 4Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 5Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 6Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 7Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 8Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 9Page - ATMEL Corporation AT27C512R-70JU Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT27C512R-70JU 产品详情

Description

The AT27C512R is a low-power, high-performance 524,288-bit one-time programmable read-only memory (OTP EPROM) organized 64K by 8 bits. It requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 45 ns, eliminating the need for speed reducing WAIT states on high-performance microprocessor systems.

Atmel’s scaled CMOS technology provides high-speed, lower active power consump tion, and significantly faster programming. Power consumption is typically only 8 mA in Active Mode and less than 10 µA in Standby.



Features

• Fast Read Access Time – 45 ns

• Low-Power CMOS Operation

   – 100 µA Max Standby

   – 20 mA Max Active at 5 MHz

• JEDEC Standard Packages

   – 28-lead PDIP

   – 32-lead PLCC

   – 28-lead TSOP and SOIC

• 5V ± 10% Supply

• High-Reliability CMOS Technology

   – 2,000V ESD Protection

   – 200 mA Latchup Immunity

• Rapid Programming Algorithm – 100 µs/Byte (Typical)

• CMOS and TTL Compatible Inputs and Outputs

• Integrated Product Identification Code

• Industrial and Automotive Temperature Ranges

• Green (Pb/Halide-free) Packaging Option



 




类似零件编号 - AT27C512R-70JU

制造商部件名数据表功能描述
logo
ATMEL Corporation
AT27C512R-70JA ATMEL-AT27C512R-70JA Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C512R-70JC ATMEL-AT27C512R-70JC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-70JI ATMEL-AT27C512R-70JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-70JI ATMEL-AT27C512R-70JI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
More results


类似说明 - AT27C512R-70JU

制造商部件名数据表功能描述
logo
ATMEL Corporation
AT27C256R-45JU ATMEL-AT27C256R-45JU Datasheet
889Kb / 13P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C256R-70PU ATMEL-AT27C256R-70PU Datasheet
833Kb / 14P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C010-70PU ATMEL-AT27C010-70PU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-45JU ATMEL-AT27C010-45JU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
Toshiba Semiconductor
TC54256AP TOSHIBA-TC54256AP Datasheet
545Kb / 11P
   32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
More results




关于 ATMEL Corporation


Atmel Corporation是一家美国半导体公司,成立于1984年。
该公司是微控制器,触摸解决方案和其他半导体产品的领先提供商,用于消费者,工业和汽车市场的各种应用。
ATMEL的产品以其小型外形,低功耗和高性能而闻名。
2016年,ATMEL由微控制器和模拟半导体的领先提供商Microchip Technology Inc.收购。
作为Microchip产品组合的一部分,Atmel品牌和技术继续开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com