数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

NCP431A 数据表 (PDF) - ON Semiconductor

NCP431A Datasheet PDF - ON Semiconductor
部件名 NCP431A
下载  NCP431A 下载

文件大小   417.01 Kbytes
  17 Pages
制造商  ONSEMI [ON Semiconductor]
网页  http://www.onsemi.com
标志 ONSEMI - ON Semiconductor
功能描述 Programmable Precision References

NCP431A Datasheet (PDF)

Go To PDF Page 下载 数据表
NCP431A Datasheet PDF - ON Semiconductor

部件名 NCP431A
下载  NCP431A Click to download

文件大小   417.01 Kbytes
  17 Pages
制造商  ONSEMI [ON Semiconductor]
网页  http://www.onsemi.com
标志 ONSEMI - ON Semiconductor
功能描述 Programmable Precision References

NCP431A 数据表 (HTML) - ON Semiconductor

Back Button NCP431A Datasheet HTML 1Page - ON Semiconductor NCP431A Datasheet HTML 2Page - ON Semiconductor NCP431A Datasheet HTML 3Page - ON Semiconductor NCP431A Datasheet HTML 4Page - ON Semiconductor NCP431A Datasheet HTML 5Page - ON Semiconductor NCP431A Datasheet HTML 6Page - ON Semiconductor NCP431A Datasheet HTML 7Page - ON Semiconductor NCP431A Datasheet HTML 8Page - ON Semiconductor NCP431A Datasheet HTML 9Page - ON Semiconductor NCP431A Datasheet HTML 10Page - ON Semiconductor Next Button 

NCP431A 产品详情

The NCP431/NCP432 integrated circuits are three−terminal programmable shunt regulator diodes. These monolithic IC voltage references operate as a low temperature coefficient zener which is programmable from Vref to 36 V using two external resistors.

Features
• Programmable Output Voltage to 36 V
• Low Minimum Operating Current: 40 A, Typ @ 25°C
• Voltage Reference Tolerance: ±0.5%, Typ @ 25°C (NCP431B/NCP432B)
• Low Dynamic Output Impedance, 0.22  Typical
• Sink Current Capability of 40 A to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C Typical
• Temperature Compensated for Operation over Full Rated Operating Temperature Range
• SC Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable
• These are Pb−Free Devices

Typical Applications
• Voltage Adapters
• Switching Power Supply
• Precision Voltage Reference
• Charger
• Instrumentation




类似零件编号 - NCP431A

制造商部件名数据表功能描述
logo
ON Semiconductor
NCP431A ONSEMI-NCP431A Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
NCP431ACDR2G ONSEMI-NCP431ACDR2G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
NCP431ACDR2G ONSEMI-NCP431ACDR2G Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
NCP431ACLPRAG ONSEMI-NCP431ACLPRAG Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
NCP431ACLPRAG ONSEMI-NCP431ACLPRAG Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
More results


类似说明 - NCP431A

制造商部件名数据表功能描述
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results




关于 ON Semiconductor


“安森美半导体 家公开交易的公司,该公司设计,开发和生产各种半导体产品,用于各种应用,包括汽车,计算,消费品,工业和通信市场。
该公司成立于1999年,总部位于亚利桑那州凤凰城。
在半导体上,提供了广泛的电力管理,模拟和离散半导体的组合,包括电源MOSFET,二极管,整流器,电压调节器等。
该公司的产品旨在具有节能,可靠和成本效益,并用于多种应用,包括便携式电子产品,工业自动化系统,可再生能源系统和汽车电子产品。
在半导体上,致力于创新和客户满意度,并致力于提供最佳的半导体解决方案,以满足客户的需求。”

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com