数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

EPM7128STC100-10 数据表 (PDF) - Altera Corporation

EPM7128STC100-10 Datasheet PDF - Altera Corporation
部件名 EPM7128STC100-10
下载  EPM7128STC100-10 下载

文件大小   1497.7 Kbytes
  66 Pages
制造商  ALTERA [Altera Corporation]
网页  http://www.altera.com
标志 ALTERA - Altera Corporation
功能描述 Programmable Logic Device Family

EPM7128STC100-10 Datasheet (PDF)

Go To PDF Page 下载 数据表
EPM7128STC100-10 Datasheet PDF - Altera Corporation

部件名 EPM7128STC100-10
下载  EPM7128STC100-10 Click to download

文件大小   1497.7 Kbytes
  66 Pages
制造商  ALTERA [Altera Corporation]
网页  http://www.altera.com
标志 ALTERA - Altera Corporation
功能描述 Programmable Logic Device Family

EPM7128STC100-10 数据表 (HTML) - Altera Corporation

Back Button EPM7128STC100-10 Datasheet HTML 1Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 2Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 3Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 4Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 5Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 6Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 7Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 8Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 9Page - Altera Corporation EPM7128STC100-10 Datasheet HTML 10Page - Altera Corporation Next Button 

EPM7128STC100-10 产品详情

General Description
The MAX 7000 family of high-density, high-performance PLDs is based on Altera’s second-generation MAX architecture. Fabricated with advanced CMOS technology, the EEPROM-based MAX 7000 family provides 600 to 5,000 usable gates, ISP, pin-to-pin delays as fast as 5 ns, and counter speeds of up to 175.4 MHz.

Features...
■ High-performance, EEPROM-based programmable logic devices
   (PLDs) based on second-generation MAX® architecture
■ 5.0-V in-system programmability (ISP) through the built-in
   IEEE Std. 1149.1 Joint Test Action Group (JTAG) interface available in
   MAX 7000S devices
   – ISP circuitry compatible with IEEE Std. 1532
■ Includes 5.0-V MAX 7000 devices and 5.0-V ISP-based MAX 7000S
   devices
■ Built-in JTAG boundary-scan test (BST) circuitry in MAX 7000S
   devices with 128 or more macrocells
■ Complete EPLD family with logic densities ranging from 600 to
   5,000 usable gates (see Tables 1 and 2)
■ 5-ns pin-to-pin logic delays with up to 175.4-MHz counter
   frequencies (including interconnect)
■ PCI-compliant devices available
■ Open-drain output option in MAX 7000S devices
■ Programmable macrocell flipflops with individual clear, preset,
   clock, and clock enable controls
■ Programmable power-saving mode for a reduction of over 50% in
   each macrocell
■ Configurable expander product-term distribution, allowing up to
   32 product terms per macrocell
■ 44 to 208 pins available in plastic J-lead chip carrier (PLCC), ceramic
   pin-grid array (PGA), plastic quad flat pack (PQFP), power quad flat
   pack (RQFP), and 1.0-mm thin quad flat pack (TQFP) packages
■ Programmable security bit for protection of proprietary designs
■ 3.3-V or 5.0-V operation
   – MultiVoltTM I/O interface operation, allowing devices to
      interface with 3.3-V or 5.0-V devices (MultiVolt I/O operation is
      not available in 44-pin packages)
   – Pin compatible with low-voltage MAX 7000A and MAX 7000B
      devices
■ Enhanced features available in MAX 7000E and MAX 7000S devices
   – Six pin- or logic-driven output enable signals
   – Two global clock signals with optional inversion
   – Enhanced interconnect resources for improved routability
   – Fast input setup times provided by a dedicated path from I/O
      pin to macrocell registers
   – Programmable output slew-rate control
■ Software design support and automatic place-and-route provided by
   Altera’s development system for Windows-based PCs and Sun
   SPARCstation, and HP 9000 Series 700/800 workstations
■ Additional design entry and simulation support provided by EDIF
   2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
   Verilog HDL, VHDL, and other interfaces to popular EDA tools from
   manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
   OrCAD, Synopsys, and VeriBest
■ Programming support
   – Altera’s Master Programming Unit (MPU) and programming
      hardware from third-party manufacturers program all
      MAX 7000 devices
   – The BitBlasterTM serial download cable, ByteBlasterMVTM
      parallel port download cable, and MasterBlasterTM
      serial/universal serial bus (USB) download cable program MAX
      7000S devices




类似零件编号 - EPM7128STC100-10

制造商部件名数据表功能描述
logo
Altera Corporation
EPM7128STC100-15 ALTERA-EPM7128STC100-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


类似说明 - EPM7128STC100-10

制造商部件名数据表功能描述
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results




关于 Altera Corporation


Altera Corporation是美国可编程逻辑设备(PLD)的美国制造商,可重新配置的复杂数字电路。它是在2015年被英特尔公司收购的,现在是英特尔的子公司。

Altera成立于1983年,是可编程逻辑领域中的先驱之一,提供了一系列PLD产品,包括现场可编程的门阵列(FPGA),复杂的可编程逻辑设备(CPLD)和用于数字信号处理和内存的专业芯片接口功能。该公司的产品用于多种应用,包括通信系统,工业自动化,医疗设备和军事系统。

Altera以其在PLD市场的创新而闻名,包括发展高密度FPGA和低功率,高性能CPLD。随着英特尔的收购,Altera继续为其客户提供PLD解决方案,利用世界上最大的技术公司之一的资源和技术。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com