数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AT25010B-SSHL-T 数据表 (PDF) - ATMEL Corporation

AT25010B-SSHL-T Datasheet PDF - ATMEL Corporation
部件名 AT25010B-SSHL-T
下载  AT25010B-SSHL-T 下载

文件大小   1424.52 Kbytes
  27 Pages
制造商  ATMEL [ATMEL Corporation]
网页  http://www.atmel.com
标志 ATMEL - ATMEL Corporation
功能描述 SPI Serial EEPROM

AT25010B-SSHL-T Datasheet (PDF)

Go To PDF Page 下载 数据表
AT25010B-SSHL-T Datasheet PDF - ATMEL Corporation

部件名 AT25010B-SSHL-T
下载  AT25010B-SSHL-T Click to download

文件大小   1424.52 Kbytes
  27 Pages
制造商  ATMEL [ATMEL Corporation]
网页  http://www.atmel.com
标志 ATMEL - ATMEL Corporation
功能描述 SPI Serial EEPROM

AT25010B-SSHL-T 数据表 (HTML) - ATMEL Corporation

Back Button AT25010B-SSHL-T Datasheet HTML 1Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 2Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 3Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 4Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 5Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 6Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 7Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 8Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 9Page - ATMEL Corporation AT25010B-SSHL-T Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT25010B-SSHL-T 产品详情

Description
The Atmel® AT25010B/020B/040B provides 1024/2048/4096 bits of serial electrically erasable programmable read-only memory (EEPROM) organized as 128/256/512 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT25010B/020B/040B is available in space saving, JEDEC SOIC, UDFN, TSSOP, XDFN and VFBGA packages.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
   – Data Sheet Describes Mode 0 Operation
• Low-voltage and Standard-voltage Operation
   – VCC = 1.8V to 5.5V
• 20 MHz Clock Rate (5V)
• 8-byte Page Mode
• Block Write Protection
   – Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
   Data Protection
• Self-timed Write Cycle (5 ms max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 100 Years
• Green (Pb/Halogen-free/Rohs Compliant) Packaging Options
• Die Sales: Wafer Form, Waffle Pack, Bumped Wafers




类似零件编号 - AT25010B-SSHL-T

制造商部件名数据表功能描述
logo
ATMEL Corporation
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT25010B ATMEL-AT25010B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
More results


类似说明 - AT25010B-SSHL-T

制造商部件名数据表功能描述
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results




关于 ATMEL Corporation


Atmel Corporation是一家美国半导体公司,成立于1984年。
该公司是微控制器,触摸解决方案和其他半导体产品的领先提供商,用于消费者,工业和汽车市场的各种应用。
ATMEL的产品以其小型外形,低功耗和高性能而闻名。
2016年,ATMEL由微控制器和模拟半导体的领先提供商Microchip Technology Inc.收购。
作为Microchip产品组合的一部分,Atmel品牌和技术继续开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com