数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

FAN1655 数据表 (PDF) - Fairchild Semiconductor

FAN1655 Datasheet PDF - Fairchild Semiconductor
部件名 FAN1655
下载  FAN1655 下载

文件大小   513.54 Kbytes
  9 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 3A DDR Bus Termination Regulator

FAN1655 Datasheet (PDF)

Go To PDF Page 下载 数据表
FAN1655 Datasheet PDF - Fairchild Semiconductor

部件名 FAN1655
下载  FAN1655 Click to download

文件大小   513.54 Kbytes
  9 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 3A DDR Bus Termination Regulator

FAN1655 数据表 (HTML) - Fairchild Semiconductor

FAN1655 Datasheet HTML 1Page - Fairchild Semiconductor FAN1655 Datasheet HTML 2Page - Fairchild Semiconductor FAN1655 Datasheet HTML 3Page - Fairchild Semiconductor FAN1655 Datasheet HTML 4Page - Fairchild Semiconductor FAN1655 Datasheet HTML 5Page - Fairchild Semiconductor FAN1655 Datasheet HTML 6Page - Fairchild Semiconductor FAN1655 Datasheet HTML 7Page - Fairchild Semiconductor FAN1655 Datasheet HTML 8Page - Fairchild Semiconductor FAN1655 Datasheet HTML 9Page - Fairchild Semiconductor

FAN1655 产品详情

Description
The FAN1655 is a low-cost bi-directional LDO specifically designed for terminating DDR memory bus. It can both sink and source up to 2.1A continuous, 3A peak, providing enough current for most DDR applications. Load regulation meets the JEDEC spec, VTT = VREFOUT ± 40mV.
The FAN1655 includes a buffered reference voltage capable of supplying up to 5mA current. On-chip thermal limiting provides protection against a combination of power overload and ambient temperature that would create an excessive junction temperature. A shutdown input puts the FAN1655 into a low power mode.
The FAN1655 regulator is available in a power-enhanced eTSSOP™-16, standard SOIC-14, and an 8-Lead MLP package.

Features
■ Sinks and sources 2.1A continuous, 3A peak
■ 0 to +125°C operating temperature range
■ 5mA Buffered VREFOUT = VDDQ/2
■ Load regulation: VTT = VREFOUT ± 40mV
■ On-chip thermal limiting
■ Low Cost SO-14, Power-Enhanced eTSSOP or 8-pin 5x6mm MLP packages
■ Low-Current Shutdown Mode
■ Output Short Circuit Protection

Applications
■ DDR Terminator VTT supply




类似零件编号 - FAN1655

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MPX FAIRCHILD-FAN1655MPX Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MTF FAIRCHILD-FAN1655MTF Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MTFX FAIRCHILD-FAN1655MTFX Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results


类似说明 - FAN1655

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com