数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

FAN6555 数据表 (PDF) - Fairchild Semiconductor

FAN6555 Datasheet PDF - Fairchild Semiconductor
部件名 FAN6555
下载  FAN6555 下载

文件大小   116.4 Kbytes
  12 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 2A DDR Bus Termination Regulator

FAN6555 Datasheet (PDF)

Go To PDF Page 下载 数据表
FAN6555 Datasheet PDF - Fairchild Semiconductor

部件名 FAN6555
下载  FAN6555 Click to download

文件大小   116.4 Kbytes
  12 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 2A DDR Bus Termination Regulator

FAN6555 数据表 (HTML) - Fairchild Semiconductor

Back Button FAN6555 Datasheet HTML 1Page - Fairchild Semiconductor FAN6555 Datasheet HTML 2Page - Fairchild Semiconductor FAN6555 Datasheet HTML 3Page - Fairchild Semiconductor FAN6555 Datasheet HTML 4Page - Fairchild Semiconductor FAN6555 Datasheet HTML 5Page - Fairchild Semiconductor FAN6555 Datasheet HTML 6Page - Fairchild Semiconductor FAN6555 Datasheet HTML 7Page - Fairchild Semiconductor FAN6555 Datasheet HTML 8Page - Fairchild Semiconductor FAN6555 Datasheet HTML 9Page - Fairchild Semiconductor FAN6555 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN6555 产品详情

Description

The FAN6555 switching regulator is designed to convert voltage supplies ranging from 2.3V to 4V into a desired output voltage or termination voltage for DDR SDRAM memory. The FAN6555 can be implemented to produce regulated output voltages in two different modes. In the default mode, when the VREFpin is open, the FAN6555 output voltage is 50% of the voltage applied to VCCQ.



Features

• Can source and sink up to 2A continous, 3A peak

• No heatsink required

• Integrated Power MOSFETs

• Generates termination voltages for DDR SDRAM

• VREF input available for external voltage divider

• Separate voltages for VCCQand PVDD

• Buffered VREF output

• VOUT of ±3% or less at 2A

• Minimum external components

• 16-pin SOIC package

• -40°C to +85°C operating temperature range

• Shutdown for standby or suspend mode operation

• Thermal Shutdown ≈130ºC




类似零件编号 - FAN6555

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
More results


类似说明 - FAN6555

制造商部件名数据表功能描述
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512_14 Datasheet
184Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR6511 UTC-UR6511 Datasheet
139Kb / 4P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512_09 Datasheet
207Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com