数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

FDT434 数据表 (PDF) - Fairchild Semiconductor

FDT434 Datasheet PDF - Fairchild Semiconductor
部件名 FDT434
下载  FDT434 下载

文件大小   244.57 Kbytes
  8 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 P-Channel 2.5V Specified PowerTrench MOSFET

FDT434 Datasheet (PDF)

Go To PDF Page 下载 数据表
FDT434 Datasheet PDF - Fairchild Semiconductor

部件名 FDT434
下载  FDT434 Click to download

文件大小   244.57 Kbytes
  8 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 P-Channel 2.5V Specified PowerTrench MOSFET

FDT434 数据表 (HTML) - Fairchild Semiconductor

FDT434 Datasheet HTML 1Page - Fairchild Semiconductor FDT434 Datasheet HTML 2Page - Fairchild Semiconductor FDT434 Datasheet HTML 3Page - Fairchild Semiconductor FDT434 Datasheet HTML 4Page - Fairchild Semiconductor FDT434 Datasheet HTML 5Page - Fairchild Semiconductor FDT434 Datasheet HTML 6Page - Fairchild Semiconductor FDT434 Datasheet HTML 7Page - Fairchild Semiconductor FDT434 Datasheet HTML 8Page - Fairchild Semiconductor

FDT434 产品详情

General Description

This P-Channel 2.5V specified MOSFET is produced using Fairchild Semiconductor’s advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance.



Features

• –5.5 A, –20 V. RDS(ON) = 0.050 Ω @ VGS = –4.5 V

                     RDS(ON) = 0.070 Ω @ VGS = –2.5 V.

• Low gate charge (13nC typical)

• High performance trench technology for extremely low RDS(ON).

• High power and current handling capability in a widely used surface mount package.



Applications

• Low Dropout Regulator

• DC/DC converter

• Load switch

• Motor driving



 




类似零件编号 - FDT434

制造商部件名数据表功能描述
logo
VBsemi Electronics Co.,...
FDT434P-NL VBSEMI-FDT434P-NL Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDT434P FAIRCHILD-FDT434P_11 Datasheet
239Kb / 5P
   P-Channel 2.5V Specified PowerTrench??MOSFET
More results


类似说明 - FDT434

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com