数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

EPM5064JC-1 数据表 (PDF) - Altera Corporation

EPM5064JC-1 Datasheet PDF - Altera Corporation
部件名 EPM5064JC-1
下载  EPM5064JC-1 下载

文件大小   831.42 Kbytes
  36 Pages
制造商  ALTERA [Altera Corporation]
网页  http://www.altera.com
标志 ALTERA - Altera Corporation
功能描述 Programmable Logic Device Family

EPM5064JC-1 Datasheet (PDF)

Go To PDF Page 下载 数据表
EPM5064JC-1 Datasheet PDF - Altera Corporation

部件名 EPM5064JC-1
下载  EPM5064JC-1 Click to download

文件大小   831.42 Kbytes
  36 Pages
制造商  ALTERA [Altera Corporation]
网页  http://www.altera.com
标志 ALTERA - Altera Corporation
功能描述 Programmable Logic Device Family

EPM5064JC-1 数据表 (HTML) - Altera Corporation

Back Button EPM5064JC-1 Datasheet HTML 1Page - Altera Corporation EPM5064JC-1 Datasheet HTML 2Page - Altera Corporation EPM5064JC-1 Datasheet HTML 3Page - Altera Corporation EPM5064JC-1 Datasheet HTML 4Page - Altera Corporation EPM5064JC-1 Datasheet HTML 5Page - Altera Corporation EPM5064JC-1 Datasheet HTML 6Page - Altera Corporation EPM5064JC-1 Datasheet HTML 7Page - Altera Corporation EPM5064JC-1 Datasheet HTML 8Page - Altera Corporation EPM5064JC-1 Datasheet HTML 9Page - Altera Corporation EPM5064JC-1 Datasheet HTML 10Page - Altera Corporation Next Button 

EPM5064JC-1 产品详情

General Description

The MAX 5000 family combines innovative architecture and advanced process technologies to offer optimum performance, flexibility, and the highest logic-to-pin ratio of any general-purpose programmable logic device (PLD) family. The MAX 5000 family provides 600 to 3,750 usable gates, pin-to-pin delays as fast as 15 ns, and counter frequencies of up to 83.3 MHz.



Features...

■ Advanced Multiple Array MatriX (MAX) 5000 architecture combining speed and ease-of-use of PAL devices with the density of programmable gate arrays

■ Complete family of high-performance, erasable CMOS EPROM EPLDs for designs ranging from fast 28-pin address decoders to 100-pin LSI custom peripherals

■ 600 to 3,750 usable gates (see Table 1)

■ Fast, 15-ns combinatorial delays and 83.3-MHz counter frequencies

■ Configurable expander product-term distribution allowing more than 32 product terms in a single macrocell

■ 28 to 100 pins available in DIP, J-lead, PGA, SOIC, and QFP packages

■ Programmable registers providing D, T, JK, and SR flipflop functionality with individual clear, preset, and clock controls

■ Programmable security bit for protection of proprietary designs

■ Software design support featuring Altera’s MAX+PLUS II development system on 486- or Pentium-based PCs, and Sun SPARCstation, HP 9000 Series 700, and IBM RISC System/6000 workstations

■ Programming support with Altera’s Master Programming Unit (MPU) or programming hardware from other manufacturers

■ Additional design entry and simulation support provided by EDIF, LPM, Verilog HDL, VHDL, and other interfaces to popular EDA tools from manufacturers such as Cadence, Data I/O, Exemplar, Mentor Graphics, MINC, OrCAD, Synopsys, VeriBest, and Viewlogic



 




类似零件编号 - EPM5064JC-1

制造商部件名数据表功能描述
logo
Altera Corporation
EPM5064 ALTERA-EPM5064 Datasheet
1Mb / 52P
   High-Speed, High-Density MAX 5000 Devices
More results


类似说明 - EPM5064JC-1

制造商部件名数据表功能描述
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results




关于 Altera Corporation


Altera Corporation是美国可编程逻辑设备(PLD)的美国制造商,可重新配置的复杂数字电路。它是在2015年被英特尔公司收购的,现在是英特尔的子公司。

Altera成立于1983年,是可编程逻辑领域中的先驱之一,提供了一系列PLD产品,包括现场可编程的门阵列(FPGA),复杂的可编程逻辑设备(CPLD)和用于数字信号处理和内存的专业芯片接口功能。该公司的产品用于多种应用,包括通信系统,工业自动化,医疗设备和军事系统。

Altera以其在PLD市场的创新而闻名,包括发展高密度FPGA和低功率,高性能CPLD。随着英特尔的收购,Altera继续为其客户提供PLD解决方案,利用世界上最大的技术公司之一的资源和技术。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com