数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

ISL9N303AS3ST 数据表 (PDF) - Fairchild Semiconductor

ISL9N303AS3ST Datasheet PDF - Fairchild Semiconductor
部件名 ISL9N303AS3ST
下载  ISL9N303AS3ST 下载

文件大小   269.83 Kbytes
  11 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?

ISL9N303AS3ST Datasheet (PDF)

Go To PDF Page 下载 数据表
ISL9N303AS3ST Datasheet PDF - Fairchild Semiconductor

部件名 ISL9N303AS3ST
下载  ISL9N303AS3ST Click to download

文件大小   269.83 Kbytes
  11 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?

ISL9N303AS3ST 数据表 (HTML) - Fairchild Semiconductor

Back Button ISL9N303AS3ST Datasheet HTML 1Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 2Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 3Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 4Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 5Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 6Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 7Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 8Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 9Page - Fairchild Semiconductor ISL9N303AS3ST Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ISL9N303AS3ST 产品详情

General Description

This device employs a new advanced trench MOSFET technology and features low gate charge while maintaining low on-resistance.

Optimized for switching applications, this device improves the overall efficiency of DC/DC converters and allows operation to higher switching frequencies.



Features

• Fast switching

• rDS(ON) = 0.0026Ω (Typ), VGS = 10V

• rDS(ON) = 0.004Ω (Typ), VGS = 4.5V

• Qg (Typ) = 61nC, VGS = 5V

• Qgd (Typ) = 17nC

• CISS (Typ) = 7000pF



Applications

• DC/DC converters



 




类似零件编号 - ISL9N303AS3ST

制造商部件名数据表功能描述
logo
Inchange Semiconductor ...
ISL9N303AP3 ISC-ISL9N303AP3 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results


类似说明 - ISL9N303AS3ST

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
ISL9N308AP3 FAIRCHILD-ISL9N308AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ?
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
logo
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com