数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

EPM7256AE 数据表 (PDF) - Altera Corporation

EPM7256AE Datasheet PDF - Altera Corporation
部件名 EPM7256AE
下载  EPM7256AE 下载

文件大小   1007.75 Kbytes
  64 Pages
制造商  ALTERA [Altera Corporation]
网页  http://www.altera.com
标志 ALTERA - Altera Corporation
功能描述 High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX

EPM7256AE Datasheet (PDF)

Go To PDF Page 下载 数据表
EPM7256AE Datasheet PDF - Altera Corporation

部件名 EPM7256AE
下载  EPM7256AE Click to download

文件大小   1007.75 Kbytes
  64 Pages
制造商  ALTERA [Altera Corporation]
网页  http://www.altera.com
标志 ALTERA - Altera Corporation
功能描述 High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX

EPM7256AE 数据表 (HTML) - Altera Corporation

Back Button EPM7256AE Datasheet HTML 1Page - Altera Corporation EPM7256AE Datasheet HTML 2Page - Altera Corporation EPM7256AE Datasheet HTML 3Page - Altera Corporation EPM7256AE Datasheet HTML 4Page - Altera Corporation EPM7256AE Datasheet HTML 5Page - Altera Corporation EPM7256AE Datasheet HTML 6Page - Altera Corporation EPM7256AE Datasheet HTML 7Page - Altera Corporation EPM7256AE Datasheet HTML 8Page - Altera Corporation EPM7256AE Datasheet HTML 9Page - Altera Corporation EPM7256AE Datasheet HTML 10Page - Altera Corporation Next Button 

EPM7256AE 产品详情

General Description
MAX 7000A (including MAX 7000AE) devices are high-density, highperformance devices based on Altera’s second-generation MAX architecture. Fabricated with advanced CMOS technology, the EEPROMbased MAX 7000A devices operate with a 3.3-V supply voltage and provide 600 to 10,000 usable gates, ISP, pin-to-pin delays as fast as 4.5 ns, and counter speeds of up to 227.3 MHz. MAX 7000A devices in the -4, -5, -6, -7, and some -10 speed grades are compatible with the timing requirements for 33 MHz operation of the PCI Special Interest Group (PCI SIG) PCI Local Bus Specification, Revision 2.2. See Table 2.

Features...
■ High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX (MAX®) architecture (see Table 1)
■ 3.3-V in-system programmability (ISP) through the built-in IEEE Std. 1149.1 Joint Test Action Group (JTAG) interface with advanced pin-locking capability
    – MAX 7000AE device in-system programmability (ISP) circuitry compliant with IEEE Std. 1532
    – EPM7128A and EPM7256A device ISP circuitry compatible with IEEE Std. 1532
■ Built-in boundary-scan test (BST) circuitry compliant with IEEE Std. 1149.1
■ Supports JEDEC Jam Standard Test and Programming Language (STAPL) JESD-71
■ Enhanced ISP features
    – Enhanced ISP algorithm for faster programming (excluding EPM7128A and EPM7256A devices)
    – ISP_Done bit to ensure complete programming (excluding EPM7128A and EPM7256A devices)
    – Pull-up resistor on I/O pins during in-system programming
■ Pin-compatible with the popular 5.0-V MAX 7000S devices
■ High-density PLDs ranging from 600 to 10,000 usable gates
■ Extended temperature range
■ 4.5-ns pin-to-pin logic delays with counter frequencies of up to
227.3 MHz
■ MultiVoltTM I/O interface enables device core to run at 3.3 V, while I/O pins are compatible with 5.0-V, 3.3-V, and 2.5-V logic levels
■ Pin counts ranging from 44 to 256 in a variety of thin quad flat pack (TQFP), plastic quad flat pack (PQFP), ball-grid array (BGA), spacesaving FineLine BGATM, and plastic J-lead chip carrier (PLCC) packages
■ Supports hot-socketing in MAX 7000AE devices
■ Programmable interconnect array (PIA) continuous routing structure for fast, predictable performance
■ PCI-compatible
■ Bus-friendly architecture, including programmable slew-rate control
■ Open-drain output option
■ Programmable macrocell registers with individual clear, preset, clock, and clock enable controls
■ Programmable power-up states for macrocell registers in MAX 7000AE devices
■ Programmable power-saving mode for 50% or greater power reduction in each macrocell
■ Configurable expander product-term distribution, allowing up to 32 product terms per macrocell
■ Programmable security bit for protection of proprietary designs
■ 6 to 10 pin- or logic-driven output enable signals
■ Two global clock signals with optional inversion
■ Enhanced interconnect resources for improved routability
■ Fast input setup times provided by a dedicated path from I/O pin to macrocell registers
■ Programmable output slew-rate control
■ Programmable ground pins




类似零件编号 - EPM7256AE

制造商部件名数据表功能描述
logo
Altera Corporation
EPM7256AE ALTERA-EPM7256AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


类似说明 - EPM7256AE

制造商部件名数据表功能描述
logo
Altera Corporation
EPM7256AETI100-7 ALTERA-EPM7256AETI100-7 Datasheet
1,007Kb / 64P
   High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
EPM7192SQC160-15 ALTERA-EPM7192SQC160-15 Datasheet
1Mb / 66P
   High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture
logo
Xilinx, Inc
XC7300FM XILINX-XC7300FM Datasheet
119Kb / 10P
   High-performance Erasable Programmable Logic Devices
logo
ATMEL Corporation
ATF15XXAE ATMEL-ATF15XXAE Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
logo
NXP Semiconductors
CBTL06GP213 NXP-CBTL06GP213 Datasheet
289Kb / 19P
   Second-generation high performance general purpose switch
Rev. 3.1 ??13 December 2016
logo
Texas Instruments
TIBPAL22V10C TI-TIBPAL22V10C Datasheet
158Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-5C TI1-TIBPAL22V10-5C Datasheet
171Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Texas Instruments
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results




关于 Altera Corporation


Altera Corporation是美国可编程逻辑设备(PLD)的美国制造商,可重新配置的复杂数字电路。它是在2015年被英特尔公司收购的,现在是英特尔的子公司。

Altera成立于1983年,是可编程逻辑领域中的先驱之一,提供了一系列PLD产品,包括现场可编程的门阵列(FPGA),复杂的可编程逻辑设备(CPLD)和用于数字信号处理和内存的专业芯片接口功能。该公司的产品用于多种应用,包括通信系统,工业自动化,医疗设备和军事系统。

Altera以其在PLD市场的创新而闻名,包括发展高密度FPGA和低功率,高性能CPLD。随着英特尔的收购,Altera继续为其客户提供PLD解决方案,利用世界上最大的技术公司之一的资源和技术。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com