数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

DG407DN 数据表 (PDF) - Vishay Siliconix

DG407DN Datasheet PDF - Vishay Siliconix
部件名 DG407DN
下载  DG407DN 下载

文件大小   199.44 Kbytes
  16 Pages
制造商  VISHAY [Vishay Siliconix]
网页  http://www.vishay.com
标志 VISHAY - Vishay Siliconix
功能描述 16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers

DG407DN Datasheet (PDF)

Go To PDF Page 下载 数据表
DG407DN Datasheet PDF - Vishay Siliconix

部件名 DG407DN
下载  DG407DN Click to download

文件大小   199.44 Kbytes
  16 Pages
制造商  VISHAY [Vishay Siliconix]
网页  http://www.vishay.com
标志 VISHAY - Vishay Siliconix
功能描述 16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers

DG407DN 数据表 (HTML) - Vishay Siliconix

Back Button DG407DN Datasheet HTML 1Page - Vishay Siliconix DG407DN Datasheet HTML 2Page - Vishay Siliconix DG407DN Datasheet HTML 3Page - Vishay Siliconix DG407DN Datasheet HTML 4Page - Vishay Siliconix DG407DN Datasheet HTML 5Page - Vishay Siliconix DG407DN Datasheet HTML 6Page - Vishay Siliconix DG407DN Datasheet HTML 7Page - Vishay Siliconix DG407DN Datasheet HTML 8Page - Vishay Siliconix DG407DN Datasheet HTML 9Page - Vishay Siliconix DG407DN Datasheet HTML 10Page - Vishay Siliconix Next Button 

DG407DN 产品详情

DESCRIPTION
The DG406 is a 16 channel single-ended analog multiplexer designed to connect one of sixteen inputs to a common output as determined by a 4-bit binary address. The DG407 selects one of eight differential inputs to a common differential output. Break-before-make switching action protects against momentary shorting of inputs.

FEATURES
• Low on-resistance - RDS(on): 50 
• Low charge injection - Q: 15 pC
• Fast transition time - tTRANS: 200 ns
• Low power: 0.2 mW
• Single supply capability
• 44 V supply max. rating
• Material categorization:
   For definitions of compliance please see
   www.vishay.com/doc?99912

BENEFITS
• Higher accuracy
• Reduced glitching
• Improved data throughput
• Reduced power consumption
• Increased ruggedness
• Wide supply ranges: ± 5 V to ± 20 V

APPLICATIONS
• Data acquisition systems
• Audio signal routing
• Medical instrumentation
• ATE systems
• Battery powered systems
• High-rel systems
• Single supply systems




类似零件编号 - DG407DN

制造商部件名数据表功能描述
logo
Intersil Corporation
DG407DN INTERSIL-DG407DN Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG407DN MAXIM-DG407DN Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Vishay Siliconix
DG407DN VISHAY-DG407DN Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG407DN-T1-E3 VISHAY-DG407DN-T1-E3 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
More results


类似说明 - DG407DN

制造商部件名数据表功能描述
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results




关于 Vishay Siliconix


Vishay Siliconix是Vishay Intertechnology的子公司,Vishay Intertechnology是被动电子组件的全球制造商。
Vishay Siliconix专门研究Power MOSFET,IGBT和其他功率半导体的设计,制造和营销。
该公司成立于1962年,总部位于加利福尼亚州圣克拉拉。
Vishay Siliconix为各种应用提供了电力解决方案,包括可再生能源系统,工业设备,计算和电信以及汽车电子产品。
该公司的产品专为高效,低功耗和高可靠性而设计,并使用先进的制造工艺在最先进的设施中生产。
侧重于创新和客户满意度,Vishay Siliconix致力于为客户提供满足其需求的最佳电力管理解决方案。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com