数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AO4423 数据表 (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4423 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
部件名 AO4423
下载  AO4423 下载

文件大小   2169.42 Kbytes
  5 Pages
制造商  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
网页  http://www.whxpcb.com
标志 WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
功能描述 30V P-Channel MOSFET

AO4423 Datasheet (PDF)

Go To PDF Page 下载 数据表
AO4423 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

部件名 AO4423
下载  AO4423 Click to download

文件大小   2169.42 Kbytes
  5 Pages
制造商  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
网页  http://www.whxpcb.com
标志 WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
功能描述 30V P-Channel MOSFET

AO4423 数据表 (HTML) - shenzhen wanhexing Electronics Co.,Ltd

AO4423 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4423 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4423 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4423 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4423 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd

AO4423 产品详情

General Description
The AO4423 uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate charge with a 25V gate rating. This device is suitable for use as a load switch or in PWM applications.

* RoHS and Halogen-Free Compliant

Product Summary
    VDS (V) = -30V
    ID = -17A (VGS = -20V)
    RDS(ON) < 6.2mΩ (VGS = -20V)
    RDS(ON) < 7.2mΩ (VGS = -10V)

    ESD Protected
    100% UIS tested
    100% Rg tested (note *)




类似零件编号 - AO4423

制造商部件名数据表功能描述
logo
List of Unclassifed Man...
AO4423 ETC-AO4423 Datasheet
567Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4423 AOSMD-AO4423 Datasheet
273Kb / 4P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4423 KEXIN-AO4423 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4423 VBSEMI-AO4423 Datasheet
993Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4423-HF KEXIN-AO4423-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results


类似说明 - AO4423

制造商部件名数据表功能描述
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com