数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

SI4420DY 数据表 (PDF) - Fairchild Semiconductor

SI4420DY Datasheet PDF - Fairchild Semiconductor
部件名 SI4420DY
下载  SI4420DY 下载

文件大小   281.88 Kbytes
  3 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 Single N-Channel Logic Level PowerTrencha MOSFET

SI4420DY Datasheet (PDF)

Go To PDF Page 下载 数据表
SI4420DY Datasheet PDF - Fairchild Semiconductor

部件名 SI4420DY
下载  SI4420DY Click to download

文件大小   281.88 Kbytes
  3 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 Single N-Channel Logic Level PowerTrencha MOSFET

SI4420DY 数据表 (HTML) - Fairchild Semiconductor

SI4420DY Datasheet HTML 1Page - Fairchild Semiconductor SI4420DY Datasheet HTML 2Page - Fairchild Semiconductor SI4420DY Datasheet HTML 3Page - Fairchild Semiconductor

SI4420DY 产品详情

General Description
This N-Channel Logic Level MOSFET is produced using Fairchild Semiconductor’s advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain superior switching performance.
This device is well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required.

Features
• 12.5 A, 30 V.
   RDS(ON) = 0.009 W @ VGS = 10 V
   RDS(ON) = 0.013 W @ VGS = 4.5 V
• Low gate charge.
• Fast switching speed.
• High performance trench technology for extremely
   low RDS(ON).
• High power and current handling capability.

Applications
• Battery switch
• Load switch
• Motor controls




类似零件编号 - SI4420DY

制造商部件名数据表功能描述
logo
NXP Semiconductors
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
logo
Vishay Siliconix
SI4420DY VISHAY-SI4420DY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
logo
International Rectifier
SI4420DY IRF-SI4420DY Datasheet
113Kb / 8P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
SI4420DY-T1-E3 VBSEMI-SI4420DY-T1-E3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
International Rectifier
SI4420DYPBF IRF-SI4420DYPBF Datasheet
119Kb / 8P
   HEXFETPower MOSFET
More results


类似说明 - SI4420DY

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
SI4874DY FAIRCHILD-SI4874DY Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrencha MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
SI4822DY FAIRCHILD-SI4822DY Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDS6680A FAIRCHILD-FDS6680A_12 Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com