数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

SI6466DQ 数据表 (PDF) - Fairchild Semiconductor

SI6466DQ Datasheet PDF - Fairchild Semiconductor
部件名 SI6466DQ
下载  SI6466DQ 下载

文件大小   161.41 Kbytes
  5 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 20V N-Channel PowerTrench MOSFET

SI6466DQ Datasheet (PDF)

Go To PDF Page 下载 数据表
SI6466DQ Datasheet PDF - Fairchild Semiconductor

部件名 SI6466DQ
下载  SI6466DQ Click to download

文件大小   161.41 Kbytes
  5 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 20V N-Channel PowerTrench MOSFET

SI6466DQ 数据表 (HTML) - Fairchild Semiconductor

SI6466DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6466DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6466DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6466DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6466DQ Datasheet HTML 5Page - Fairchild Semiconductor

SI6466DQ 产品详情

General Description
This N-Channel MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gate drive voltage ratings (2.5V to 12V).

Features
• 7.8 A, 20 V RDS(ON) = 15 mΩ @ VGS = 4.5 V
                     RDS(ON) = 22 mΩ @ VGS = 2.5 V
• Extended VGSS range (±12V) for battery applications
• High performance trench technology for extremely low RDS(ON)
• Low profile TSSOP-8 package

Applications
• Battery protection
• DC/DC conversion
• Power management
• Load switch




类似零件编号 - SI6466DQ

制造商部件名数据表功能描述
logo
Vishay Siliconix
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI6466ADQ VISHAY-SI6466ADQ Datasheet
77Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6466ADQ-T1 VISHAY-SI6466ADQ-T1 Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI6466ADQ VISHAY-SI6466ADQ_08 Datasheet
77Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
More results


类似说明 - SI6466DQ

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com