数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

SI6926DQ 数据表 (PDF) - Fairchild Semiconductor

SI6926DQ Datasheet PDF - Fairchild Semiconductor
部件名 SI6926DQ
下载  SI6926DQ 下载

文件大小   80.9 Kbytes
  5 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 Dual N-Channel 2.5V Specified PowerTrench MOSFET

SI6926DQ Datasheet (PDF)

Go To PDF Page 下载 数据表
SI6926DQ Datasheet PDF - Fairchild Semiconductor

部件名 SI6926DQ
下载  SI6926DQ Click to download

文件大小   80.9 Kbytes
  5 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 Dual N-Channel 2.5V Specified PowerTrench MOSFET

SI6926DQ 数据表 (HTML) - Fairchild Semiconductor

SI6926DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6926DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6926DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6926DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6926DQ Datasheet HTML 5Page - Fairchild Semiconductor

SI6926DQ 产品详情

General Description
This N-Channel 2.5V specified MOSFET is a rugged gate version of Fairchilds Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications with a wide range of gate drive voltage (2.5V – 12V).
   
Features
• 5.5 A, 20 V. RDS(ON) = 0.021 Ω @ VGS = 4.5 V
                      RDS(ON) = 0.035 Ω @ VGS = 2.5 V
• Extended VGSS range (±12V) for battery applications
• Low gate charge
• High performance trench technology for extremely
    low RDS(ON)
• Low profile TSSOP-8 package
   
Applications
• Load switch
• Motor drive
• DC/DC conversion
• Power management
   




类似零件编号 - SI6926DQ

制造商部件名数据表功能描述
logo
Vishay Siliconix
SI6926ADQ VISHAY-SI6926ADQ Datasheet
70Kb / 5P
   Dual N-Channel 2.5-V G-S MOSFET
Rev. A, 16-Feb-04
SI6926ADQ VISHAY-SI6926ADQ Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6926ADQ VISHAY-SI6926ADQ Datasheet
230Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6926ADQ-T1-E3 VISHAY-SI6926ADQ-T1-E3 Datasheet
70Kb / 5P
   Dual N-Channel 2.5-V G-S MOSFET
Rev. A, 16-Feb-04
More results


类似说明 - SI6926DQ

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com