数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

SI6933DQ 数据表 (PDF) - Fairchild Semiconductor

SI6933DQ Datasheet PDF - Fairchild Semiconductor
部件名 SI6933DQ
下载  SI6933DQ 下载

文件大小   83.09 Kbytes
  5 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 Dual 30V P-Channel PowerTrench MOSFET

SI6933DQ Datasheet (PDF)

Go To PDF Page 下载 数据表
SI6933DQ Datasheet PDF - Fairchild Semiconductor

部件名 SI6933DQ
下载  SI6933DQ Click to download

文件大小   83.09 Kbytes
  5 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 Dual 30V P-Channel PowerTrench MOSFET

SI6933DQ 数据表 (HTML) - Fairchild Semiconductor

SI6933DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6933DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6933DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6933DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6933DQ Datasheet HTML 5Page - Fairchild Semiconductor

SI6933DQ 产品详情

General Description
This P-Channel MOSFET is a rugged gate version of Fairchilds Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gate drive voltage ratings (4.5V –20V).
   
Features
• –3.5 A, –30 V, RDS(ON) = 45 mΩ @ VGS = –10 V.
                          RDS(ON) = 85 mΩ @ VGS = –4.5V.
• Extended VGSS range (±20V) for battery applications
• Low gate charge (8nC typical)
• High performance trench technology for extremely
    low RDS(ON)
• Low profile TSSOP-8 package
   
Applications
• Load switch
• Battery protection
• DC/DC conversion
• Power management
   




类似零件编号 - SI6933DQ

制造商部件名数据表功能描述
logo
Vishay Siliconix
SI6933DQ VISHAY-SI6933DQ Datasheet
211Kb / 3P
   Dual P-Channel Enhancement-Mode MOSFET
12-Oct-01
SI6933DQ VISHAY-SI6933DQ Datasheet
104Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6933DQ VISHAY-SI6933DQ_V01 Datasheet
104Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results


类似说明 - SI6933DQ

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
SI6955DQ FAIRCHILD-SI6955DQ Datasheet
164Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS9953A FAIRCHILD-FDS9953A Datasheet
73Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4935 FAIRCHILD-FDS4935 Datasheet
122Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4953 FAIRCHILD-FDS4953_02 Datasheet
97Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4953 KEXIN-KDS4953 Datasheet
62Kb / 2P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Lowpower Semiconductor ...
LPM4953 POWER-LPM4953 Datasheet
389Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com