数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

Q6040K5TP 数据表 (PDF) - Littelfuse

Q6040K5TP Datasheet PDF - Littelfuse
部件名 Q6040K5TP
下载  Q6040K5TP 下载

文件大小   703.41 Kbytes
  7 Pages
制造商  LITTELFUSE [Littelfuse]
网页  http://www.littelfuse.com
标志 LITTELFUSE - Littelfuse
功能描述 Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs

Q6040K5TP Datasheet (PDF)

Go To PDF Page 下载 数据表
Q6040K5TP Datasheet PDF - Littelfuse

部件名 Q6040K5TP
下载  Q6040K5TP Click to download

文件大小   703.41 Kbytes
  7 Pages
制造商  LITTELFUSE [Littelfuse]
网页  http://www.littelfuse.com
标志 LITTELFUSE - Littelfuse
功能描述 Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs

Q6040K5TP 数据表 (HTML) - Littelfuse

Q6040K5TP Datasheet HTML 1Page - Littelfuse Q6040K5TP Datasheet HTML 2Page - Littelfuse Q6040K5TP Datasheet HTML 3Page - Littelfuse Q6040K5TP Datasheet HTML 4Page - Littelfuse Q6040K5TP Datasheet HTML 5Page - Littelfuse Q6040K5TP Datasheet HTML 6Page - Littelfuse Q6040K5TP Datasheet HTML 7Page - Littelfuse

Q6040K5TP 产品详情

Description
40 Amp bi-directional solid state switch series is designed for AC switching and phase control applications such as motor speed and temperature modulation controls, lighting controls, and static switching relays.
Alternistor type devices only operate in quadrants I, II, & III and are used in circuits requiring high dv/dt capability.

Features & Benefts
• RoHS Compliant
• Glass – passivated junctions
• Voltage capability up to 1000V
• Surge capability up to 400A
• Electrically isolated
   K & J -Packages are UL
   recognized for 2500Vrms
  
Applications
   Excellent for AC switching and phase control applications
   such as heating, lighting, and motor speed controls.
   Typical applications are AC solid-state switches, industrial
   power tools, exercise equipment, white goods and
   commercial appliances.
   Alternistor Triacs (no snubber required) are used in
   applications with extremely inductive loads requiring
   highest commutation performance.
   Internally constructed isolated packages are offered for
   ease of heat sinking with highest isolation voltage.




类似零件编号 - Q6040K5TP

制造商部件名数据表功能描述
logo
Teccor Electronics
Q6040K7 TECCOR-Q6040K7 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
Q6040K7 LITTELFUSE-Q6040K7 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6040K7 ETC2-Q6040K7 Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Littelfuse
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


类似说明 - Q6040K5TP

制造商部件名数据表功能描述
logo
Littelfuse
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
More results




关于 Littelfuse


Littelfuse是一家美国公司,专门从事电路保护和控制产品的设计和制造。
该公司成立于1927年,总部位于伊利诺伊州芝加哥。
Littelfuse提供了广泛的产品,包括保险丝,保护和控制设备以及聚合产品。
该公司的产品用于各种应用,例如汽车,工业和消费电子产品。
Littelfuse以其在电路保护和控制技术方面的专业知识以及向客户提供高质量可靠产品的能力而闻名。
该公司在世界各地拥有运营和设施,并与客户紧密合作,提供满足其特定需求和需求的定制解决方案。
除了其核心业务外,Littelfuse还为可再生能源和数据中心市场提供解决方案。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com