数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

GAL22V10D-25LJ 数据表 (PDF) - Lattice Semiconductor

GAL22V10D-25LJ Datasheet PDF - Lattice Semiconductor
部件名 GAL22V10D-25LJ
下载  GAL22V10D-25LJ 下载

文件大小   718.73 Kbytes
  23 Pages
制造商  LATTICE [Lattice Semiconductor]
网页  http://www.latticesemi.com
标志 LATTICE - Lattice Semiconductor
功能描述 GAL 22V10 Device Datasheet

GAL22V10D-25LJ Datasheet (PDF)

Go To PDF Page 下载 数据表
GAL22V10D-25LJ Datasheet PDF - Lattice Semiconductor

部件名 GAL22V10D-25LJ
下载  GAL22V10D-25LJ Click to download

文件大小   718.73 Kbytes
  23 Pages
制造商  LATTICE [Lattice Semiconductor]
网页  http://www.latticesemi.com
标志 LATTICE - Lattice Semiconductor
功能描述 GAL 22V10 Device Datasheet

GAL22V10D-25LJ 数据表 (HTML) - Lattice Semiconductor

Back Button GAL22V10D-25LJ Datasheet HTML 1Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 2Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 3Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 4Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 5Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 6Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 10Page - Lattice Semiconductor Next Button 

GAL22V10D-25LJ 产品详情

Description
The GAL22V10, at 4ns maximum propagation delay time, combines a high performance CMOS process with Electrically Erasable (E2) floating gate technology to provide the highest performance available of any 22V10 device on the market. CMOS circuitry allows the GAL22V10 to consume much less power when compared to bipolar 22V10 devices. E2 technology offers high speed (<100ms) erase times, providing the ability to reprogram or reconfigure the device quickly and efficiently.

Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — 4 ns Maximum Propagation Delay
    — Fmax = 250 MHz
    — 3.5 ns Maximum from Clock Input to Data Output
    — UltraMOS® Advanced CMOS Technology
• ACTIVE PULL-UPS ON ALL PINS
• COMPATIBLE WITH STANDARD 22V10 DEVICES
    — Fully Function/Fuse-Map/Parametric Compatible with Bipolar and UVCMOS 22V10 Devices
• 50% to 75% REDUCTION IN POWER VERSUS BIPOLAR
    — 90mA Typical Icc on Low Power Device
    — 45mA Typical Icc on Quarter Power Device
• E2 CELL TECHNOLOGY
    — Reconfigurable Logic
    — Reprogrammable Cells
    — 100% Tested/100% Yields
    — High Speed Electrical Erasure (<100ms)
    — 20 Year Data Retention
• TEN OUTPUT LOGIC MACROCELLS
    — Maximum Flexibility for Complex Logic Designs
• PRELOAD AND POWER-ON RESET OF REGISTERS
    — 100% Functional Testability
• APPLICATIONS INCLUDE:
    — DMA Control
    — State Machine Control
    — High Speed Graphics Processing
    — Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION




类似零件编号 - GAL22V10D-25LJ

制造商部件名数据表功能描述
logo
Lattice Semiconductor
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25LJI LATTICE-GAL22V10D-25LJI Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
More results


类似说明 - GAL22V10D-25LJ

制造商部件名数据表功能描述
logo
Lattice Semiconductor
ISPGDX2VBC LATTICE-ISPGDX2VBC Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com