数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

HCNW139-300E 数据表 (PDF) - AVAGO TECHNOLOGIES LIMITED

HCNW139-300E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
部件名 HCNW139-300E
下载  HCNW139-300E 下载

文件大小   162.03 Kbytes
  14 Pages
制造商  AVAGO [AVAGO TECHNOLOGIES LIMITED]
网页  http://www.avagotech.com
标志 AVAGO - AVAGO TECHNOLOGIES LIMITED
功能描述 Low Input Current, High Gain Optocouplers

HCNW139-300E Datasheet (PDF)

Go To PDF Page 下载 数据表
HCNW139-300E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

部件名 HCNW139-300E
下载  HCNW139-300E Click to download

文件大小   162.03 Kbytes
  14 Pages
制造商  AVAGO [AVAGO TECHNOLOGIES LIMITED]
网页  http://www.avagotech.com
标志 AVAGO - AVAGO TECHNOLOGIES LIMITED
功能描述 Low Input Current, High Gain Optocouplers

HCNW139-300E 数据表 (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCNW139-300E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCNW139-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCNW139-300E 产品详情

Description
These high gain series couplers use a Light Emitting Diode and an integrated high gain photodetec tor to provide extremely high current transfer ratio between input and output. Separate pins for the photodiode and output stage result in TTL compatible saturation voltages and high speed operation. Where desired the VCC and VO terminals may be tied together to achieve conven tional photodarlington operation. A base access terminal allows a gain bandwidth adjustment to be made

Features
● High current transfer ratio – 2000% typical (4500 % typical for HCNW139/138)
● Low input current requirements – 0.5 mA
● TTL compatible output – 0.1 V VOL typical
● Performance guaranteed over temperature 0°C to 70°C
● Base access allows gain bandwidth adjustment
● High output current – 60 mA
● Safetyapproval
          UL recognized – 3750 V rms for 1 minute and 5000 Vrms* for 1 minute per UL 1577 CSA approved
          IEC/EN/DIN EN 60747-5-2 approved with VIORM = 1414 Vpeak for HCNW139 and HCNW138
● Available in 8-Pin DIP or SOIC-8 footprint or widebody package
● MIL-PRF-38534 hermetic version available (HCPL-5700/1)

Applications
● Ground isolate most logic families – TTL/TTL, CMOS/TTL, CMOS/CMOS, LSTTL/TTL, CMOS/LSTTL
● Low input current line receiver
● High voltage insulation (HCNW139/138)
● EIA RS-232C line receiver
● Telephone ring detector
● 117 V ac line voltage status indicator – low input power dissipation
● Low power systems – ground isolation




类似零件编号 - HCNW139-300E

制造商部件名数据表功能描述
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


类似说明 - HCNW139-300E

制造商部件名数据表功能描述
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com