数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

L8347-12 数据表 (PDF) - Hamamatsu Corporation

L8347-12 Datasheet PDF - Hamamatsu Corporation
部件名 L8347-12
下载  L8347-12 下载

文件大小   131.18 Kbytes
  2 Pages
制造商  HAMAMATSU [Hamamatsu Corporation]
网页  http://www.hamamatsu.com
标志 HAMAMATSU - Hamamatsu Corporation
功能描述 Laser diode

L8347-12 Datasheet (PDF)

Go To PDF Page 下载 数据表
L8347-12 Datasheet PDF - Hamamatsu Corporation

部件名 L8347-12
下载  L8347-12 Click to download

文件大小   131.18 Kbytes
  2 Pages
制造商  HAMAMATSU [Hamamatsu Corporation]
网页  http://www.hamamatsu.com
标志 HAMAMATSU - Hamamatsu Corporation
功能描述 Laser diode

L8347-12 数据表 (HTML) - Hamamatsu Corporation

L8347-12 Datasheet HTML 1Page - Hamamatsu Corporation L8347-12 Datasheet HTML 2Page - Hamamatsu Corporation

L8347-12 产品详情

Laser diode
Pigtail type, 1.3 µm, 1.25, 2.5 Gbps

L8347 and L7892 series are high-speed infrared emitter devices specifically developed for 1.3 µm band optical fiber communications. These devices incorporate a high-speed Fabry-Perot laser diode integrated in a pig-tail module. Packages are available with various connectors and mounting styles.

Features
● High-speed Fabry-Perot laser diode
    L8347 series: 1.25 Gbps
    L7892 series: 2.5 Gbps
● Compatible with single-mode optical fiber

Applications
● Optical fiber communications
● Fiber channel
● Gigabit ethernet
● HDTV
● SDH




类似零件编号 - L8347-12

制造商部件名数据表功能描述
logo
Unisonic Technologies
L8312 UTC-L8312 Datasheet
164Kb / 6P
   DUAL POLARIZATION AND TONE SWITCH CONTROLLER
L8312G-R16-R UTC-L8312G-R16-R Datasheet
164Kb / 6P
   DUAL POLARIZATION AND TONE SWITCH CONTROLLER
L8312G-R16-R UTC-L8312G-R16-R Datasheet
171Kb / 6P
   DUAL POLARIZATION AND TONE SWITCH CONTROLLER
L8312L-R16-R UTC-L8312L-R16-R Datasheet
164Kb / 6P
   DUAL POLARIZATION AND TONE SWITCH CONTROLLER
L8312 UTC-L8312_15 Datasheet
171Kb / 6P
   DUAL POLARIZATION AND TONE SWITCH CONTROLLER
More results


类似说明 - L8347-12

制造商部件名数据表功能描述
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
   Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
   Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
   LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
   LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
   LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
   LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
   LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
   LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
   LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
   LASER DIODE
1995
NDL7581P RENESAS-NDL7581P Datasheet
180Kb / 6P
   LASER DIODE
1995
More results




关于 Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com