数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

HC1-55564-2 数据表 (PDF) - Harris Corporation

HC1-55564-2 Datasheet PDF - Harris Corporation
部件名 HC1-55564-2
下载  HC1-55564-2 下载

文件大小   69.62 Kbytes
  9 Pages
制造商  HARRIS [Harris Corporation]
网页  http://www.harris.com
标志 HARRIS - Harris Corporation
功能描述 Continuously Variable Slope Delta-Modulator (CVSD)

HC1-55564-2 Datasheet (PDF)

Go To PDF Page 下载 数据表
HC1-55564-2 Datasheet PDF - Harris Corporation

部件名 HC1-55564-2
下载  HC1-55564-2 Click to download

文件大小   69.62 Kbytes
  9 Pages
制造商  HARRIS [Harris Corporation]
网页  http://www.harris.com
标志 HARRIS - Harris Corporation
功能描述 Continuously Variable Slope Delta-Modulator (CVSD)

HC1-55564-2 数据表 (HTML) - Harris Corporation

HC1-55564-2 Datasheet HTML 1Page - Harris Corporation HC1-55564-2 Datasheet HTML 2Page - Harris Corporation HC1-55564-2 Datasheet HTML 3Page - Harris Corporation HC1-55564-2 Datasheet HTML 4Page - Harris Corporation HC1-55564-2 Datasheet HTML 5Page - Harris Corporation HC1-55564-2 Datasheet HTML 6Page - Harris Corporation HC1-55564-2 Datasheet HTML 7Page - Harris Corporation HC1-55564-2 Datasheet HTML 8Page - Harris Corporation HC1-55564-2 Datasheet HTML 9Page - Harris Corporation

HC1-55564-2 产品详情

Description
The HC-55564 is a half duplex modulator/demodulator CMOS intergrated circuit used to convert voice signals into serial NRZ digital data and to reconvert that data into voice. The conversion is by delta-modulation, using the Continuously Variable Slope (CVSD) method of modulation/demodulation.

Features
• All Digital
• Requires Few External Parts
• Low Power Drain: 1.5mW Typical From Single 4.5V To 6V Supply
• Time Constants Determined by Clock Frequency; No Calibration or Drift Problems: Automatic Offset Adjustment
• Half Duplex Operation Under Digital Control
• Filter Reset Under Digital Control
• Automatic Overload Recovery
• Automatic “Quiet” Pattern Generation
• AGC Control Signal Available

Applications
• Voice Transmission Over Data Channels (Modems)
• Voice/Data Multiplexing (Pair Gain)
• Voice Encryption/Scrambling
• Voicemail
• Audio Manipulations: Delay Lines, Time Compression, Echo Generation/Suppression, Special Effects, etc.
• Pagers/Satellites
• Data Acquisition Systems
• Voice I/O for Digital Systems and Speech Synthesis Requiring Small Size, Low Weight, and Ease of Reprogrammability
• Related Literature - AN607, Delta Modulation for Voice Transmission




类似零件编号 - HC1-55564-2

制造商部件名数据表功能描述
logo
Intersil Corporation
HC1-55564/883 INTERSIL-HC1-55564/883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
More results


类似说明 - HC1-55564-2

制造商部件名数据表功能描述
logo
Intersil Corporation
HC-55564883 INTERSIL-HC-55564883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
HC-55536 INTERSIL-HC-55536 Datasheet
13Kb / 1P
   Continuously Variable Slope Delta-Demodulator (CVSD)
March 1993
logo
Motorola, Inc
MC34115 MOTOROLA-MC34115 Datasheet
362Kb / 16P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATOR/DEMODULATOR
logo
CML Microcircuits
FX-309 CMLMICRO-FX-309 Datasheet
362Kb / 8P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION
logo
List of Unclassifed Man...
FX-309 ETC-FX-309 Datasheet
359Kb / 8P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION
logo
Advanced Technical Mate...
AF064-10 ATM-AF064-10 Datasheet
127Kb / 1P
   CONTINUOUSLY VARIABLE ATTENUATORS
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
   Continuously Variable Attenuators
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
   Variable Slope Attenuators
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
More results




关于 Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com