数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

RURG3060 数据表 (PDF) - Fairchild Semiconductor

RURG3060 Datasheet PDF - Fairchild Semiconductor
部件名 RURG3060
下载  RURG3060 下载

文件大小   276.92 Kbytes
  6 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 30A, 600V Ultrafast Rectifier

RURG3060 Datasheet (PDF)

Go To PDF Page 下载 数据表
RURG3060 Datasheet PDF - Fairchild Semiconductor

部件名 RURG3060
下载  RURG3060 Click to download

文件大小   276.92 Kbytes
  6 Pages
制造商  FAIRCHILD [Fairchild Semiconductor]
网页  http://www.fairchildsemi.com
标志 FAIRCHILD - Fairchild Semiconductor
功能描述 30A, 600V Ultrafast Rectifier

RURG3060 数据表 (HTML) - Fairchild Semiconductor

RURG3060 Datasheet HTML 1Page - Fairchild Semiconductor RURG3060 Datasheet HTML 2Page - Fairchild Semiconductor RURG3060 Datasheet HTML 3Page - Fairchild Semiconductor RURG3060 Datasheet HTML 4Page - Fairchild Semiconductor RURG3060 Datasheet HTML 5Page - Fairchild Semiconductor RURG3060 Datasheet HTML 6Page - Fairchild Semiconductor

RURG3060 产品详情

30A, 600V Ultrafast Rectifier
The RURG3060_F085 is an ultrafast diode with soft recovery characteristics (trr< 80ns). It has low forward voltage drop and is silicon nitride passivated ionimplanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimizes ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• High Speed Switching ( trr=60ns(Typ.) @ IF=30A )
• Low Forward Voltage( VF=1.5V(Max.) @ IF=30A )
• Avalanche Energy Rated
• AEC-Q101 Qualified

Applications
• Automotive DCDC converter
• Automotive On Board Charger
• Switching Power Supply
• Power Switching Circuits




类似零件编号 - RURG3060

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG3060 INTERSIL-RURG3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Thinki Semiconductor Co...
RURG3060 THINKISEMI-RURG3060 Datasheet
1Mb / 3P
   30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
ON Semiconductor
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
   Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
Fairchild Semiconductor
RURG3060CC FAIRCHILD-RURG3060CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
More results


类似说明 - RURG3060

制造商部件名数据表功能描述
logo
Fairchild Semiconductor
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
   30A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
   600V, 30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURP3060 INTERSIL-RURP3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Fairchild Semiconductor
RURP3060 FAIRCHILD-RURP3060 Datasheet
339Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG3060 INTERSIL-RURG3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Digitron Semiconductors
MUR3020WT DIGITRON-MUR3020WT Datasheet
331Kb / 5P
   30A ULTRAFAST RECTIFIER
MUR3005PT DIGITRON-MUR3005PT Datasheet
342Kb / 5P
   30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
More results




关于 Fairchild Semiconductor


Fairchild半导体是一家开创性的半导体公司,成立于1950年代后期。
该公司以其在第一个商业晶体管的开发方面的创新而闻名,以及对综合电路技术发展的贡献。
Fairchild成为电力半导体,模拟和混合信号综合电路以及其他半导体产品的领先供应商。
该公司是在2016年被ON半导体收购的,其产品和技术继续在ON半导体品牌下开发和出售。

*此信息仅供一般参考,对于因上述信息造成的任何损失或损害,我们概不负责。




链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com