数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

T520H157M003AHE045 数据表 (PDF) - Kemet Corporation

T520H157M003AHE045 Datasheet PDF - Kemet Corporation
部件名 T520H157M003AHE045
下载  T520H157M003AHE045 下载

文件大小   1813.04 Kbytes
  26 Pages
制造商  KEMET [Kemet Corporation]
网页  http://www.kemet.com
标志 KEMET - Kemet Corporation
功能描述 High frequency capacitance retention

T520H157M003AHE045 Datasheet (PDF)

Go To PDF Page 下载 数据表
T520H157M003AHE045 Datasheet PDF - Kemet Corporation

部件名 T520H157M003AHE045
下载  T520H157M003AHE045 Click to download

文件大小   1813.04 Kbytes
  26 Pages
制造商  KEMET [Kemet Corporation]
网页  http://www.kemet.com
标志 KEMET - Kemet Corporation
功能描述 High frequency capacitance retention

T520H157M003AHE045 数据表 (HTML) - Kemet Corporation

Back Button T520H157M003AHE045 Datasheet HTML 1Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 2Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 3Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 4Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 5Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 6Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 7Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 8Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 9Page - Kemet Corporation T520H157M003AHE045 Datasheet HTML 10Page - Kemet Corporation Next Button 

T520H157M003AHE045 产品详情

FEATURES
• Polymer Cathode Technology
• Low ESR
• High Frequency Cap Retention
• No-Ignition Failure Mode
• Use Up to 90% of Rated Voltage (10% Derating) for part types ≤ 10 Volts
• Halogen Free Epoxy
• 100% Accelerated Steady State Aging
• Volumetrically Efficient
• Use Up to 80% of Rated Voltage (20% Derating) for part types > 10 Volts
• Capacitance 15 to 1000μF (±20%)
• Voltage 2V to 25V
• EIA Standard Case Sizes
• 100% Surge Current Tested
• Operating Temperature -55ºC to +105ºC
• Self Healing Mechanism
• RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)




类似零件编号 - T520H157M003AHE045

制造商部件名数据表功能描述
logo
Kemet Corporation
T520H157M006APE0507280 KEMET-T520H157M006APE0507280 Datasheet
912Kb / 19P
   Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
T520H157M006ATE0507280 KEMET-T520H157M006ATE0507280 Datasheet
912Kb / 19P
   Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
More results


类似说明 - T520H157M003AHE045

制造商部件名数据表功能描述
logo
IET Labs Inc.
1403 IET-1403 Datasheet
214Kb / 2P
   High frequency capacitance standards
August 2022
logo
Nichicon corporation
RHS NICHICON-RHS Datasheet
681Kb / 2P
   High Capacitance
RNE NICHICON-RNE Datasheet
678Kb / 2P
   High Capacitance
RSS NICHICON-RSS Datasheet
706Kb / 2P
   High Capacitance
logo
Rohm
MCH32 ROHM-MCH32 Datasheet
1Mb / 5P
   High capacitance
logo
Nichicon corporation
RFS NICHICON-RFS Datasheet
733Kb / 2P
   High Capacitance
RNU NICHICON-RNU Datasheet
699Kb / 2P
   High Capacitance
logo
American Accurate Compo...
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
   Resistance, continuity, frequency, capacitance, and diode test
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com