数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

AP1506-50T5RA 数据表 (PDF) - Anachip Corp

AP1506-50T5RA Datasheet PDF - Anachip Corp
部件名 AP1506-50T5RA
下载  AP1506-50T5RA 下载

文件大小   206.31 Kbytes
  12 Pages
制造商  ANACHIP [Anachip Corp]
网页  
标志 ANACHIP - Anachip Corp
功能描述 150KHz, 3A PWM Buck DC/DC Converter

AP1506-50T5RA Datasheet (PDF)

Go To PDF Page 下载 数据表
AP1506-50T5RA Datasheet PDF - Anachip Corp

部件名 AP1506-50T5RA
下载  AP1506-50T5RA Click to download

文件大小   206.31 Kbytes
  12 Pages
制造商  ANACHIP [Anachip Corp]
网页  
标志 ANACHIP - Anachip Corp
功能描述 150KHz, 3A PWM Buck DC/DC Converter

AP1506-50T5RA 数据表 (HTML) - Anachip Corp

Back Button AP1506-50T5RA Datasheet HTML 1Page - Anachip Corp AP1506-50T5RA Datasheet HTML 2Page - Anachip Corp AP1506-50T5RA Datasheet HTML 3Page - Anachip Corp AP1506-50T5RA Datasheet HTML 4Page - Anachip Corp AP1506-50T5RA Datasheet HTML 5Page - Anachip Corp AP1506-50T5RA Datasheet HTML 6Page - Anachip Corp AP1506-50T5RA Datasheet HTML 7Page - Anachip Corp AP1506-50T5RA Datasheet HTML 8Page - Anachip Corp AP1506-50T5RA Datasheet HTML 9Page - Anachip Corp AP1506-50T5RA Datasheet HTML 10Page - Anachip Corp Next Button 

AP1506-50T5RA 产品详情

„ General Description

The AP1506 series are monolithic IC designed for a step-down DC/DC converter, and own the ability of driving a 3A load without external transistor. Due to reducing the number of external component, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control have good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is to prevent over current operating of the output switch. If current limit function occurred and VFB is down to 0.5V below, the switching frequency will be reduced. The AP1506 series operate at a switching frequency of 150KHz thus allowing smaller sized filter components than what would be needed with lower frequency switching regulators. Other features include a guaranteed +4% tolerance on output voltage under specified input voltage and output load conditions, and +15% on the oscillator frequency. The output version included fixed 3.3V, 5V, 12V, and an adjustable type. The packages are available in a standard 5-lead TO-220, a 5-lead TO-263 or 8-lead PDIP.



„ Features

- Output voltage: 3.3V, 5V, 12V and adjustable output version

- Adjustable version output voltage range, 1.23V to 18V+4%

- 150KHz +15% fixed switching frequency

- Voltage mode non-synchronous PWM control

- Thermal-shutdown and current-limit protection

- ON /OFF shutdown control input

- Operating voltage can be up to 22V

- Output load current: 3A

- TO220-5L, TO263-5L and PDIP-8 packages

- Low power standby mode

- Built-in switching transistor on chip



„ Applications

- Simple High-efficiency step-down regulator

- On-card switching regulators

- Positive to negative converter




类似零件编号 - AP1506-50T5RA

制造商部件名数据表功能描述
logo
Anachip Corp
AP1506-50T5RA ANACHIP-AP1506-50T5RA Datasheet
238Kb / 13P
   150KHz, 3A PWM Buck DC/DC Converter
More results


类似说明 - AP1506-50T5RA

制造商部件名数据表功能描述
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com