数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

ACPM-7833 数据表 (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPM-7833 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
部件名 ACPM-7833
下载  ACPM-7833 下载

文件大小   199.0 Kbytes
  20 Pages
制造商  AVAGO [AVAGO TECHNOLOGIES LIMITED]
网页  http://www.avagotech.com
标志 AVAGO - AVAGO TECHNOLOGIES LIMITED
功能描述 Dynamic bias control for low midpower Idd

ACPM-7833 Datasheet (PDF)

Go To PDF Page 下载 数据表
ACPM-7833 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

部件名 ACPM-7833
下载  ACPM-7833 Click to download

文件大小   199.0 Kbytes
  20 Pages
制造商  AVAGO [AVAGO TECHNOLOGIES LIMITED]
网页  http://www.avagotech.com
标志 AVAGO - AVAGO TECHNOLOGIES LIMITED
功能描述 Dynamic bias control for low midpower Idd

ACPM-7833 数据表 (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7833 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

ACPM-7833 产品详情

Description
The ACPM-7833 is a fully matched CDMA Power amplifier module. Designed around Avago Technologies’ new Enhancement Mode pHEMT process, the ACPM-7833 offers premium performance in a very small form factor. Fully matched to 50 Ohms on the input and output.

Features
• Operating frequency: 1850– 1910 MHz
• 28.5 dBm linear output power @ 3.4V
• High efficiency: 40% PAE
• Dynamic bias control for low midpower Idd
• Very low quiescent current with single control voltage
• Internal 50 ohm matching networks for both RF IN/OUT
• 3.2– 4.2V linear operation
• cdma2000 1xRTT capable
• Only 3 SMT parts needed
• 4.0 x 4.0 x 1.1 mm SMT package

Applications
• CDMA handsets
• Datacards
• PDAs




类似零件编号 - ACPM-7833

制造商部件名数据表功能描述
logo
Agilent(Hewlett-Packard...
ACPM-7833 HP-ACPM-7833 Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7833 BOARDCOM-ACPM-7833 Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7833-BLK HP-ACPM-7833-BLK Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7833-BLK BOARDCOM-ACPM-7833-BLK Datasheet
199Kb / 20P
   CDMA1900 (PCS) Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7833-TR1 HP-ACPM-7833-TR1 Datasheet
189Kb / 21P
   CDMA1900 (PCS) Power Amplifier Module
More results


类似说明 - ACPM-7833

制造商部件名数据表功能描述
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Infineon Technologies A...
BCR400 INFINEON-BCR400 Datasheet
94Kb / 3P
   Application Considerations for the Integrated Bias Control Circuits
2000-07-27
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Gennum Corporation
GX4002 GENNUM-GX4002 Datasheet
3Mb / 74P
   Dynamic on-chip power management control
logo
Feature Integration Tec...
F75122R FINTEK-F75122R Datasheet
765Kb / 35P
   Dynamic VID Control 8 GPIO Datasheet
F75121 FINTEK-F75121 Datasheet
937Kb / 45P
   Dynamic VID Control 8 GPIO Datasheet
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E_02 Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
logo
Hamamatsu Corporation
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com