数据搜索系统,热门电子元器件搜索
  Chinese  ▼
ALLDATASHEETCN.COM

X  

QPA9807TR13 数据表 (PDF) - TriQuint Semiconductor

QPA9807TR13 Datasheet PDF - TriQuint Semiconductor
部件名 QPA9807TR13
下载  QPA9807TR13 下载

文件大小   1011.8 Kbytes
  8 Pages
制造商  TRIQUINT [TriQuint Semiconductor]
网页  http://www.triquint.com
标志 TRIQUINT - TriQuint Semiconductor
功能描述 2300 - 2700 MHz 1/4W Balanced Amplifier

QPA9807TR13 Datasheet (PDF)

Go To PDF Page 下载 数据表
QPA9807TR13 Datasheet PDF - TriQuint Semiconductor

部件名 QPA9807TR13
下载  QPA9807TR13 Click to download

文件大小   1011.8 Kbytes
  8 Pages
制造商  TRIQUINT [TriQuint Semiconductor]
网页  http://www.triquint.com
标志 TRIQUINT - TriQuint Semiconductor
功能描述 2300 - 2700 MHz 1/4W Balanced Amplifier

QPA9807TR13 数据表 (HTML) - TriQuint Semiconductor

QPA9807TR13 Datasheet HTML 1Page - TriQuint Semiconductor QPA9807TR13 Datasheet HTML 2Page - TriQuint Semiconductor QPA9807TR13 Datasheet HTML 3Page - TriQuint Semiconductor QPA9807TR13 Datasheet HTML 4Page - TriQuint Semiconductor QPA9807TR13 Datasheet HTML 5Page - TriQuint Semiconductor QPA9807TR13 Datasheet HTML 6Page - TriQuint Semiconductor QPA9807TR13 Datasheet HTML 7Page - TriQuint Semiconductor QPA9807TR13 Datasheet HTML 8Page - TriQuint Semiconductor



类似零件编号 - QPA9807TR13

制造商部件名数据表功能描述
logo
Qorvo, Inc
QPA9807TR13 QORVO-QPA9807TR13 Datasheet
1Mb / 10P
   2300 ??2700 MHz 1/4W Balanced Amplifier
November 4, 2020
More results


类似说明 - QPA9807TR13

制造商部件名数据表功能描述
logo
Qorvo, Inc
QPA9807 QORVO-QPA9807 Datasheet
1Mb / 10P
   2300 ??2700 MHz 1/4W Balanced Amplifier
November 4, 2020
QPA9842 QORVO-QPA9842 Datasheet
896Kb / 11P
   2700 ??3800 MHz 1/4W Balanced Amplifier
November 4, 2020
QPA9801 QORVO-QPA9801_V01 Datasheet
882Kb / 13P
   1805 ??2400 MHz 1/4W Balanced Amplifier
November 1, 2020
QPA9801 QORVO-QPA9801 Datasheet
913Kb / 11P
   1805 ??2400 MHz 1/4W Balanced Amplifier
logo
TriQuint Semiconductor
QPA9842 TRIQUINT-QPA9842 Datasheet
645Kb / 8P
   3400 - 3800 MHz 1/4W Balanced Amplifier
logo
Pulse A Technitrol Comp...
RO25002NM PULSE-RO25002NM Datasheet
681Kb / 8P
   RO, 2dBi, 2300-2700 MHz, NM
logo
Pasternack Enterprises,...
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
   Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
Skyworks Solutions Inc.
SKY66397-12 SKYWORKS-SKY66397-12 Datasheet
1Mb / 15P
   2300 to 2700 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Infineon Technologies A...
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
logo
Skyworks Solutions Inc.
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
   2300 ??2700 MHz High Gain and Linearity
More results



链接网址



隐私政策
ALLDATASHEETCN.COM
ALLDATASHEET是否为您带来帮助?  [ DONATE ] 

关于 Alldatasheet   |   广告服务   |   联系我们   |   隐私政策   |   链接交换   |   制造商名单
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com